Part Number Hot Search : 
Y100E BDR2G M3585 627ER 616LV1 KD200 AD8031BN 620BX
Product Description
Full Text Search
 

To Download FAN4050 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.fairchildsemi.com
FAN4050
Precision Micropower Shunt Voltage Reference
Features
* * * * * * Fixed 2.500V and 3.300V Tolerances to +0.1% (25C) Low output noise Low temperature coefficient, 50ppm/C max Small package: SOT-23 Extended operating current range
Description
The FAN4050 series of precision shunt references are ideal for space- and cost-sensitive applications. They are available in two output voltages (2.500V and 3.300V) and with a variety of output voltage tolerances (0.1%, 0.2%, and 0.5%). They also have excellent temperature coefficients, 50ppm/C. The FAN4050 series is available in the SOT-23 package.
Applications
* * * * * Portable equipment Disk drives Instrumentation Audio equipment Data acquisition systems
Connection Diagram
SOT-23
+ 1 3* - 2 *This pin must be left floating or connected to pin 2.
Top View
REV. 1.0.1 9/29/00
FAN4050
PRODUCT SPECIFICATION
Absolute Maximum Ratings1
Ratings are over full operating free-air temperature range unless otherwise noted. Parameter Continuous cathode current, IK Power dissipation
2
Min. -30 -65
Max. +30 280 150 300
Unit
mA
mW C C
Storage Temperature Range Lead Temperature (Soldering, 10 sec.)
Notes: 1. Functional operation under these conditions is not implied. Permanent damage may occur if the device is subjected to conditions outside these ratings. 2. It is recommended to connect pin 3 to pin 2 in the SSOT23 package to ensure optimal thermal performance.
Recommended Operating Conditions
Parameter Continuous cathode current, IK Operating temperature range in free air, TA Min. 0.07 -40 Max. 15 85 Unit mA C
Equivalent Schematic
+
+ _
_
2
REV. 1.0.1 9/29/00
PRODUCT SPECIFICATION
FAN4050
Guaranteed Electrical Characteristics, FAN4050-2.5
(TA = 25C unless otherwise specified, in free air) The * denotes specifications which apply over the full operating temperature range. Symbol VR TCVR Parameter Reverse Breakdown Voltage Reverse Breakdown Voltage Tolerance Minimum Operating Current IRMIN VR/T Reverse Breakdown Voltage Temperature Coefficient VR (IK) Reverse Breakdown Voltage Change with Operating Current ZKA Reverse Dynamic Impedance eN Wideband Noise VR
*Typical.
Conditions IK = 100A IK = 100A
IK = 100A IRMIN IK 1mA 1mA IK 15mA 1mA IK 25mA IK=1mA, f=120Hz, IAC=0.1IK
* * * * *
A 2.500 2.5 11 65 50 1.2 8.0 10 0.3 35 120
Limits B 2.500 5.0 14 65 50 1.2 8.0 10 0.3 35 120
Units C 2.500 13 21 65 50 1.2 8.0 10 0.3 35 120 V* mV mV A ppm/C mV mV mV* * VRMS* ppm*
IK=100A, 10Hz f 10kHz Reverse Breakdown Voltage t=1000hrs, T=25C, IK=100A Long-term Stability
Guaranteed Electrical Characteristics, FAN4050-3.3
(TA = 25C unless otherwise specified, in free air) The * denotes specifications which apply over the full operating temperature range. Parameter Reverse Breakdown Voltage Reverse Breakdown Voltage Tolerance Minimum Operating Current IRMIN VR/T Reverse Breakdown Voltage Temperature Coefficient VR (IK) Reverse Breakdown Voltage Change with Operating Current ZKA eN VR
*Typical.
Symbol VR TCVR
Conditions IK = 100A IK = 100A
IK = 100A
* * *
A 3.300 3.3 25 70 50 1.2 10 12 0.5 70 120
Limits Units B C 3.300 3.300 V* 6.6 17 mV 28 38 mV 70 70 A 50 50 ppm/C 1.2 10 12 0.5 70 120 1.2 10 12 0.5 70 120 mV mV mV * VRMS* ppm*
Reverse Dynamic Impedance Wideband Noise Reverse Breakdown Voltage Long-term Stability
IRMIN IK 1mA * 1mA IK 15mA * 1mA IK 25mA IK=1mA, f=120Hz, IAC=0.1IK IK=100A, 10Hz f 10kHz t=1000hrs, T=25C, IK=100A
REV. 1.0.1 9/29/00
3
FAN4050
PRODUCT SPECIFICATION
Mechanical Dimensions
SOT-23 Package
Inches Min. A A1 B c D E e e1 H L S Max. Millimeters Min. Max. Notes: Notes 1. Dimensions are inclusive of plating. 2. Dimensions are exclusive of mold flash & metal burr. 3. Comply to JEDEC TO-236. 4. This drawing is for matrix leadframe only.
Symbol
.035 .044 .0004 .004 .012 .020 .003 .008 .110 .120 .047 .055 .037 BSC .075 BSC .083 .104 .021 REF .016 Nom
.89 1.12 .01 .10 .30 .50 .08 .20 2.80 3.04 1.20 1.40 .95 BSC 1.90 BSC 2.10 2.64 .54 REF .395 Nom
D e1 e S c L
E
H
B
A1
A
4
REV. 1.0.1 9/29/00
FAN4050
PRODUCT SPECIFICATION
Ordering Information
Example: FAN4050AIS3-2.5
FAN4050
A
I
S3
-
2.5
Grade 0.1% = A 0.2% = B 0.5% = C
Package SOT23 = S3
Voltage 2.5V = 2.5 3.3V = 3.3
SSOT-23 Package Marking Information
Only 3 fields of marking are possible on an SSOT-23. This table gives the meaning of these fields. Example: FCA
F C A
Voltage 2.5V = C 3.3V = H
Grade 0.1% = A 0.2% = B 0.5% = C
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com 9/29/00 0.0m 005 Stock#DS30004040 (c) 2000 Fairchild Semiconductor Corporation


▲Up To Search▲   

 
Price & Availability of FAN4050

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X